Part Number Hot Search : 
LS3036 KSE45H10 L080TR1 D1762 XB0808P KA3843 DG413 LS3036
Product Description
Full Text Search
 

To Download XC6205F312DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6204/XC6205 Series
High Speed LDO Regulators Output ON-OFF Control
ETR0304_004
GENERAL DESCRIPTION
The XC6204/6205 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes. The series achieves high ripple rejection and low dropout and consists of a standard voltage source, an error correction, current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 0.05V steps within a range of 0.9V ~ 6.0V. The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be maintained even during load fluctuations due to the excellent transient response of the series. The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin. The CE function enables the output to be turned off, resulting in greatly reduced power consumption.
APPLICATIONS
Mobile phones Cordless phones Cameras, video recorders Portable games Portable AV equipment Reference voltage Battery powered equipment
FEATURES
Maximum Output Current : 150mA (300mA=XC6204 E to H TYP.) Dropout Voltage : 200mV @ 100mA 60mV @ 30mA Operating Voltage : 2V ~ 10V Output Voltage Range : 1.8V ~ 6.0V (XC6204) (0.05V increments) 0.9V ~ 1.75V (XC6205) (0.05V increments) Highly Accurate : 2% Low Power Consumption : 70 A (TYP.) Standby Current : Less than 0.1 A (TYP.) High Ripple Rejection : 70dB (10kHz) (XC6204) 60dB (10kHz) (XC6205) Operational Temperature Range : -40 ~ 85 Low ESR Capacitor Compatible : Ceramic capacitor
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
1/49
XC6204/XC6205 Series
PIN CONFIGURATION
CE 6 VSS 5 NC 4
1 VIN 2 NC 3 VOUT
SOT-25 (TOP VIEW)
SOT-89-5 (TOP VIEW)
USP-6B (BOTTOM VIEW)
*The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heal release. If the pad needs to be connected to other pins, it should be connected to the VSS (No.5) pin.
PIN ASSIGNMENT
SOT-25 1 2 3 4 5 PIN NUMBER SOT-89-5 USP-6B 4 2 3 1 5 1 5 6 2, 4 3 PIN NAME VIN VSS CE NC VOUT FUNCTION Input Ground ON/OFF Control No Connection Output
FUNCTIONS
XC6204/6205 A, B, E, F Series CE OPERATIONAL STATE H ON L OFF XC6204/6205 C, D, G, H Series CE OPERATIONAL STATE H OFF L ON
H= High Level L= Low Level
2/49
XC6204/XC6205
Series
PRODUCT CLASSIFICATION
Selection Guide The following options for the CE pin logic and internal pull-up/down are available: High Active + no pull-down resistor built-in (standard) High Active + 300k Low Active + 300k Note: With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 300k (TYP.) pull-down resistor built-in (semi-custom) pull-up resistor built-in (semi-custom) Low Active + no pull-up resistor built-in (semi-custom)
Ordering Information XC6204/6205 DESIGNATOR DESCRIPTION Type of Regulator (CE pin Logic) Output Voltage SYMBOL A/E B/F C/G D/H 09 ~ 60, 2 1 (*2) A B (*2) M D P R L DESCRIPTION : High Active, pull-down resistor built-in : High Active, no pull-down resistor built-in : Low Active, pull-up resistor built-in : Low Active, no pull-up resistor built-in : e.g. VOUT=2.0V =2, =0
(*1)
Output Voltage Accuracy
Package
Device Orientation
NOTE :
: 100mV increments, 2% accuracy 2% =3, =8, =2 e.g. VOUT=3.8V, : 100mV increments, 1% accuracy e.g. VOUT=3.0V, 1% =3, =0, =1 : 0.05V increments, 2% accuracy e.g. VOUT=3.85V, 2% =3, =8, =A : 0.05V increments, 1% accuracy e.g. VOUT=3.05V, 1% =3, =0, =B : SOT-25 (SOT-23-5) : USP-6B : SOT-89-5 : Embossed tape, standard feed : Embossed tape, reverse feed
*1: E to H types are compatible to 300mA of XC6204 series. *2: Output voltage range of the 1 accuracy product is 3.0V to 6.0V.
3/49
XC6204/XC6205 Series
BLOCK DIAGRAM
Diodes shown in the above circuit are protective diodes.
ABSOLUTE MAXIMUM RATINGS
PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage SOT-25 Power Dissipation USP-6B SOT-89-5 Operational Temperature Range Storage Temperature Range SYMBOL VIN IOUT VOUT VCE Pd Topr Tstg RATINGS 12.0 500 VSS-0.3 VIN+0.3 VSS-0.3 VIN+0.3 250 100 500 -40 ~ +85 -55 ~ +125
Ta=25 UNITS V mA V V mW
4/49
XC6204/XC6205
Series
ELECTRICAL CHARACTERISTICS
XC6204A, B series
PARAMETER Output Voltage (2% products) (*3) Output Voltage (1% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (A series) Supply Current (B series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (A series) CE "High" Current (B series) CE "Low" Current NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
SYMBOL
CONDITIONS
MIN. 0.98
Ta = 25 TYP.
MAX. 1.02
-40 (*7) MAX. 1.03
UNITS CIRCUIT
VOUT(E)
IOUT = 30mA 0.99
VOUT(T) 1.01 15 50 E-1 E-2 50 40 2 80 70 0.01 0.01 100 30 1.6 3.2 -0.10 -0.10 70 300 50 120 100 0.10 0.20 10 VIN 0.25 20.0 0.10 0.10 50 40 2 1.7 3.0 -0.15 -0.15
V 1.02 80 mA mV mV
1
IOUTMAX VOUT Vdif1 Vdif2 1mA
IOUT 100mA IOUT = 30mA IOUT = 100mA VIN = VCE = VOUT(T)+1.0V
150 -
1 1 1
90 80 0.05 0.05 280 60 -
145 A 2 120 1.00 0.30 10 VIN 0.20 25.0 0.15 0.15 A 2 A %/V V ppm/ 2 1 1 3 4 1 1 1
IDD VIN = VCE = VOUT(T)+1.0V Istby VOUT VIN VOUT VIN VOUT Topr VOUT en PSRR Ilim Ishort VCEH VCEL VIN = VOUT(T)+1.0V, VCE = VSS VOUT(T)+1.0V VIN 10V IOUT = 30mA IOUT = 30mA -40 Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f=10kHz VIN = VOUT(T)+1.0V, VCE = VIN VIN = VOUT(T)+1.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V ICEH VIN = VCE = VOUT(T)+1.0V ICEL VIN = VOUT(T)+1.0V, VCE = VSS
Vrms dB mA mA V
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : The values for -40 Topr 85 are designed values.
5/49
XC6204/XC6205 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6204C, D series
PARAMETER Output Voltage (2% products) (*3) Output Voltage (1% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (C series) Supply Current (D series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (C series) CE "Low" Current (D series) NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
SYMBOL
CONDITIONS
MIN. 0.98
Ta = 25 TYP.
MAX. 1.02
-40 (*7) MAX. 1.03
UNITS CIRCUIT
VOUT(E)
IOUT = 30mA 0.99
VOUT(T) 1.01 15 50 E-1 E-2 50 40 2 80 70 0.01 0.01 100 30 1.6 -0.10 -20.0 -0.10 70 300 50 120 100 0.10 0.20 10 VIN 0.25 0.10 -3.2 0.10 50 40 2 1.7 -0.15 -25.0 -0.15
V 1.02 80 mA mV mV
1
IOUTMAX VOUT Vdif1 Vdif2 1mA
IOUT 100mA IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS
150 -
1 1 1
90 80 0.05 0.05 280 60 -
145 A 2 120 1.00 0.30 10 VIN 0.20 0.15 -3.0 0.15 A 2 A %/V V ppm/ 2 1 1 3 4 1 1 1
IDD VIN = VOUT(T)+1.0V, VCE = VSS Istby VOUT VIN VOUT VIN VOUT Topr VOUT en PSRR Ilim Ishort VCEH VCEL ICEH VIN = VCE = VOUT(T)+1.0V VOUT(T)+1.0V VIN IOUT = 30mA IOUT = 30mA -40 Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+1.0V, VCE = VSS VIN = VOUT(T)+1.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS ICEL VIN = VOUT(T)+1.0V, VCE = VSS 10V
Vrms dB mA mA V
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : The values for -40 Topr 85 are designed values.
6/49
XC6204/XC6205
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6204E, F series
PARAMETER Output Voltage (2% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (E series) Supply Current (F series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (E series) CE "High" Current (F series) CE "Low" Current NOTE: ICEL ICEH VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS -0.10 -0.10 0.10 0.10 A 2 Istby VOUT VIN VOUT VIN VOUT Topr VOUT en PSRR Ilim Ishort VCEH VCEL IDD VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS VOUT(T)+1.0V VIN 10V IOUT = 30mA IOUT = 30mA -40 Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+1.0V, VCE = VIN VIN = VOUT(T)+1.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V 1.6 3.2 40 2 70 0.01 0.01 100 30 70 380 50 100 0.10 0.20 10 VIN 0.25 20.0 A 2 A %/V V ppm/ 2 1 1 3 4 1 1 1 SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 CONDITIONS IOUT = 30mA VIN = VOUT(T)+1.0V When VOUT 1mA 2.0V, VIN = 3.0V 100mA IOUT 300 MIN. Ta = 25 TYP. E-0 15 E-1 E-2 50 80 120 A 2 50 MAX. UNITS CIRCUIT V mA mV mV 1 1 1 1
IOUT = 30mA IOUT = 100mA VIN = VCE = VOUT(T)+1.0V
Vrms dB mA mA V
*1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
7/49
XC6204/XC6205 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6204G, H series
PARAMETER Output Voltage (2% products) (*3) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (G series) Supply Current (H series) Standby Current Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (G series) CE "Low" Current (H series) NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2
CONDITIONS IOUT = 30mA VIN = VOUT(T)+1.0V When VOUT 1mA 2.0V, VIN = 3.0V 100mA IOUT
MIN.
Ta = 25 TYP. E-0
MAX.
UNITS CIRCUIT V 1 1 1 1
300 -
15 E-1 E-2
50
mA mV mV
IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS 50 40 2 -
80 70 0.01 0.01 100 30
120 A 2 100 0.10 0.20 10 VIN 0.25 0.10 -3.2 0.10 A 2 A %/V V ppm/ 2 1 1 3 4 1 1 1
IDD VIN = VOUT(T)+1.0V, VCE = VSS Istby VOUT VIN VOUT VIN VOUT Topr VOUT en PSRR Ilim Ishort VCEH VCEL ICEH VIN = VCE =VOUT(T)+1.0V VOUT(T)+1.0V VIN 10V IOUT = 30mA IOUT = 30mA -40 Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC IOUT = 50mA, f = 10kHz VIN = VOUT(T)+1.0V, VCE = VSS VIN = VOUT(T)+1.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS ICEL VIN = VOUT(T)+1.0V, VCE = VSS -0.10 1.6 -0.10 -20.0
Vrms dB mA mA V
70 380 50 -
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
8/49
XC6204/XC6205
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6205A, B series
PARAMETER Output Voltage (*3) (*7) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (A series) Supply Current (B series) Standby Current Istby VOUT VIN VOUT VIN VOUT Topr VOUT en -40 IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 When VOUT When VOUT 1mA IOUT 100mA IOUT = 30mA IOUT = 100mA VIN = VCE = VOUT(T)+1.0V 0.95V, VIN = VCE = 2.0V 0.95V, VIN = VCE = 2.0V 0.95V, VIN = 2.0V VIN = VCE = VOUT(T)+1.0V 40 70 0.01 VIN = VOUT(T)+1.0V, VCE = VSS When VOUT VOUT(T)+1.0V VIN 10V IOUT = 30mA, VCE = VIN When VOUT 0.95V, 2.0V VIN 10V IOUT = 30mA Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (A series) CE "High" Current (B series) CE "Low" Current NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT 0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
CONDITIONS IOUT = 30mA
MIN.
Ta = 25 TYP.
MAX. 1.02 50
UNITS CIRCUIT V mA mV mV 1 1 1 1
0.98 VOUT(T) 150 15 E-1 E-2 50 80
120 A 100 0.10 A 2 2
Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise
2 -
0.01 100 30
0.20 10 -
%/V V ppm/
1 1 3
Vrms
PSRR Ilim Ishort VCEH VCEL
When VOUT
1.5V, VIN =2.5V+1.0Vp-pAC
1.6 3.2 -0.10 -0.10
65 300 50 -
VIN 0.25 20.0 0.10 0.10
dB mA mA V
4 1 1 1
IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VIN VIN = VOUT(T)+2.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V ICEH When VOUT When VOUT ICEL 0.95V, VIN = VCE = 2.0V 0.95V, VIN = VCE = 2.0V 0.95V, VIN = 2.0V VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT
A
2
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *8 : When VOUT(T) 1.45V, MIN. MAX. VOUT (T)-30mV VOUT (T)+30mV
9/49
XC6204/XC6205 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6205C, D series
PARAMETER Output Voltage (*3) (*7) Maximum Output Current Load Regulation Dropout Voltage (*4) Supply Current (C series) Supply Current (D series) Standby Current Istby VOUT VIN VOUT VIN VOUT Topr VOUT en -40 IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 1mA IOUT 100mA IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS When VOUT When VOUT When VOUT 0.95V, VIN = 2.0V 0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS VIN = VCE =VOUT(T)+1.0V 0.95V, VIN = VCE = 2.0V VOUT(T)+1.0V VIN 10V IOUT = 30mA, VCE = VSS When VOUT 0.95V, 2.0V VIN 10V IOUT = 30mA Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (C series) CE "Low" Current (D series) NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT 0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
CONDITIONS IOUT = 30mA
MIN.
Ta = 25 TYP.
MAX. 1.02 50
UNITS CIRCUIT V mA mV mV 1 1 1 1
0.98 VOUT(T) 150 15 E-1 E-2 50 40 80 70 0.01
120 A 100 0.10 A 2 2
Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise
2 -
0.01 100 30
0.20 10 -
%/V V ppm/
1 1 3
Vrms
PSRR Ilim Ishort VCEH VCEL ICEH
When VOUT
1.5V, VIN =2.5V+1.0Vp-pAC
1.6 -0.10 -20.0 -0.10
65 300 50 -
VIN 0.25 0.10 -3.2 0.10
dB mA mA V
4 1 1 1
IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VSS VIN = VOUT(T)+2.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V When VOUT 0.95V, VIN = VCE = 2.0V 0.95V, VIN = 2.0V 0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS ICEL When VOUT When VOUT VIN = VOUT(T)+1.0V, VCE = VSS
A
2
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : When VOUT(T) 1.45V, MIN. MAX. VOUT (T)-30mV VOUT (T)+30mV
10/49
XC6204/XC6205
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6205E, F series
PARAMETER Output Voltage (*3) (*7) Maximum Output Current (*8) Load Regulation Dropout Voltage (*4) Supply Current (E series) Supply Current (F series) Standby Current Istby VOUT VIN VOUT VIN VOUT Topr VOUT en IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 When VOUT When VOUT 1mA CONDITIONS IOUT = 30mA VIN = E-5 IOUT 100mA MIN. Ta = 25 TYP. MAX. 1.02 UNITS CIRCUIT V mA 15 E-1 E-2 50 40 80 70 0.01 120 A 100 0.10 A 2 2 50 mV mV 1 1 1 1
0.98 VOUT(T) E-4 -
IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS 0.95V, VIN = VCE = 2.0V 0.95V, VIN = VCE = 2.0V 0.95V, VIN = 2.0V VIN = VCE =VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT VOUT(T)+1.0V VIN 10V IOUT = 30mA, VCE = VIN When VOUT 0.95V, 2.0V VIN 10V IOUT = 30mA -40 Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC When VOUT 1.5V, VIN =2.5V+1.0Vp-pAC
Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise
2 -
0.01 100 30
0.20 10 -
%/V V ppm/
1 1 3
Vrms
Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current (E series) CE "High" Current (F series) CE "Low" Current NOTE:
PSRR Ilim Ishort VCEH VCEL
1.6 3.2 -0.10 -0.10
65 380 50 -
VIN 0.25 20.0 0.10 0.10
dB mA mA V
4 1 1 1
IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VIN VIN = VOUT(T)+2.0V, VCE = VIN VIN = VCE = VOUT(T)+1.0V ICEH When VOUT When VOUT ICEL 0.95V, VIN = VCE = 2.0V 0.95V, VIN = VCE = 2.0V 0.95V, VIN = 2.0V VIN = VCE = VOUT(T)+1.0V VIN = VOUT(T)+1.0V, VCE = VSS When VOUT
A
2
*1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT 0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : When VOUT(T) 1.45V, MIN. MAX. VOUT (T)-30mV VOUT (T)+30mV
*8 : Refer to "Specification & Condition by Series"
11/49
XC6204/XC6205 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6205G, H series
PARAMETER Output Voltage (*3) (*7) Maximum Output Current (*8) Load Regulation Dropout Voltage (*4) Supply Current (G series) Supply Current (H series) Standby Current Istby VOUT VIN VOUT VIN VOUT Topr VOUT en IDD SYMBOL VOUT(E) IOUTMAX VOUT Vdif1 Vdif2 1mA CONDITIONS IOUT = 30mA VIN = E-5 IOUT 100mA MIN. Ta = 25 TYP. MAX. 1.02 50 UNITS CIRCUIT V mA mV mV 120 A 40 70 0.01 100 0.10 A 2 2 1 1 1 1
0.98 VOUT(T) E-4 15 E-1 E-2 50 80
IOUT = 30mA IOUT = 100mA VIN = VOUT(T)+1.0V, VCE = VSS When VOUT When VOUT When VOUT 0.95V, VIN = 2.0V 0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS VIN = VCE =VOUT(T)+1.0V 0.95V, VIN = VCE = 2.0V VOUT(T)+1.0V VIN 10V IOUT = 30mA, VCE = VSS When VOUT 0.95V, 2.0V VIN 10V IOUT = 30mA -40 Topr 85 IOUT = 10mA 300Hz~50kHz VIN = {VOUT(T)+1.0}V+1.0Vp-pAC When VOUT 1.5V, VIN =2.5V+1.0Vp-pAC
Line Regulation Input Voltage Output Voltage Temperature Characteristics Output Noise
2 -
0.01 100 30
0.20 10 -
%/V V ppm/
1 1 3
Vrms
Ripple Rejection Rate Current Limiter Short-circuit Current CE "High" Voltage CE "Low" Voltage CE "High" Current CE "Low" Current (G series) CE "Low" Current (H series) NOTE:
PSRR Ilim Ishort VCEH VCEL ICEH
1.6 -0.10 -20.0 -0.10
65 380 50 -
VIN 0.25 0.10 -3.2 0.10
dB mA mA V
4 1 1 1
IOUT = 50mA, f = 10kHz VIN = VOUT(T)+2.0V, VCE = VSS VIN = VOUT(T)+2.0V, VCE = VSS VIN = VCE = VOUT(T)+1.0V When VOUT 0.95V, VIN = VCE = 2.0V 0.95V, VIN = 2.0V 0.95V, VIN = 2.0V VIN = VOUT(T)+1.0V, VCE = VSS ICEL When VOUT When VOUT VIN = VOUT(T)+1.0V, VCE = VSS
A
2
*1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT 0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1
(*6)
-VOUT1
(*5)
}
*5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : When VOUT(T) 1.45V, MIN. MAX. VOUT (T)-30mV VOUT (T)+30mV
*8 : Refer to "Specification & Condition by Series"
12/49
XC6204/XC6205
Series
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart
XC6204 series
SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE (V)
Note: For the XC6204E, F, G, H series, see the item "Ta=25 " only.
E-0 OUTPUT VOLTAGE (V) (2% products) VOUT MIN. MAX. 1.836 1.887 1.938 1.989 2.040 2.091 2.142 2.193 2.244 2.295 2.346 2.397 2.448 2.499 2.550 2.601 2.652 2.703 2.754 2.805 2.856 2.907 2.958 3.009 3.060 3.111 3.162 3.213 3.264 3.315 3.366 3.417 3.468 3.519 3.570 3.621 3.672 3.723 3.774 3.825 3.876 3.927 3.978 4.029 E-1 DROPOUT VOLTAGE 1 (mV) IOUT=30mA Vdif 1 Ta = 25 TYP. 200 200 120 120 80 80 80 80 80 80 80 80 80 80 70 70 70 70 70 70 70 70 70 70 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 MAX. 210 210 150 150 120 120 120 120 120 120 120 120 120 120 100 100 100 100 100 100 100 100 100 100 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 -40 TYP. 210 210 130 130 90 90 90 90 90 90 90 90 90 90 80 80 80 80 80 80 80 80 80 80 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 Topr 85 MAX. 230 230 170 170 140 140 140 140 140 140 140 140 140 140 120 120 120 120 120 120 120 120 120 120 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 110 Ta = 25 TYP. 300 300 280 280 240 240 240 240 240 240 240 240 240 240 220 220 220 220 220 220 220 220 220 220 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 MAX. 400 400 380 380 350 350 330 330 330 330 310 310 310 310 290 290 290 290 290 290 270 270 270 270 270 270 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 E-2 DROPOUT VOLTAGE 2 (mV) IOUT=100mA Vdif 2 -40 TYP. 340 340 320 320 280 280 280 280 280 280 280 280 280 280 260 260 260 260 260 260 260 260 260 260 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 240 Topr 85 MAX. 480 480 460 460 430 430 410 410 410 410 390 390 390 390 370 370 370 370 370 370 350 350 350 350 350 350 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330 330
VOUT (T) 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 1.764 1.813 1.862 1.911 1.960 2.009 2.058 2.107 2.156 2.205 2.254 2.303 2.352 2.401 2.450 2.499 2.548 2.597 2.646 2.695 2.744 2.793 2.842 2.891 2.940 2.989 3.038 3.087 3.136 3.185 3.234 3.283 3.332 3.381 3.430 3.479 3.528 3.577 3.626 3.675 3.724 3.773 3.822 3.871
13/49
XC6204/XC6205 Series
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued) XC6204 series (Continued) Note: For the XC6204E, F, G, H series, see the item "Ta=25 " only.
SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE (V)
E-0 OUTPUT VOLTAGE (V) (2% products) VOUT MIN. MAX. 4.080 4.131 4.182 4.233 4.284 4.335 4.386 4.437 4.488 4.539 4.590 4.641 4.692 4.743 4.794 4.845 4.896 4.947 4.998 5.049 5.100 5.151 5.202 5.253 5.304 5.355 5.406 5.457 5.508 5.559 5.610 5.661 5.712 5.763 5.814 5.865 5.916 5.967 6.018 6.069 6.120
E-1 DROPOUT VOLTAGE 1 (mV) IOUT=30mA Vdif 1 Ta = 25 TYP. 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 MAX. 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 -40 TYP. 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 70 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 60 Topr 85 MAX. 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 90 Ta = 25 TYP. 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 180 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 MAX. 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210 210
E-2 DROPOUT VOLTAGE 2 (mV) IOUT=100mA Vdif 2 -40 TYP. 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 220 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 Topr 85 MAX. 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 310 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290 290
VOUT(T) 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 5.30 5.35 5.40 5.45 5.50 5.55 5.60 5.65 5.70 5.75 5.80 5.85 5.90 5.95 6.00 3.920 3.969 4.018 4.067 4.116 4.165 4.214 4.263 4.312 4.361 4.410 4.459 4.508 4.557 4.606 4.655 4.704 4.753 4.802 4.851 4.900 4.949 4.998 5.047 5.096 5.145 5.194 5.243 5.292 5.341 5.390 5.439 5.488 5.537 5.586 5.635 5.684 5.733 5.782 5.831 5.880
14/49
XC6204/XC6205
Series
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued) XC6204 series, 1% products Note: 1% output voltage accuracy products are available for the XC6204E~H series from VOUT=2.95V.
SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE (V)
E-0 OUTPUT VOLTAGE (V) (1% products) VOUT MIN. MAX. 2.980 3.030 3.081 3.131 3.182 3.232 3.283 3.333 3.384 3.434 3.485 3.535 3.586 3.636 3.687 3.737 3.788 3.838 3.889 3.939 3.990 4.040 4.091 4.141 4.192 4.242 4.293 4.343 4.394 4.444 4.494 4.545
SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE (V)
E-0 OUTPUT VOLTAGE (V) (1% products) VOUT MIN. MAX. 4.596 4.646 4.697 4.747 4.798 4.848 4.899 4.949 5.000 5.050 5.101 5.151 5.202 5.252 5.303 5.353 5.404 5.454 5.505 5.555 5.606 5.656 5.707 5.757 5.808 5.858 5.909 5.959 6.010 6.060
VOUT (T) 2.95 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 2.921 2.970 3.020 3.069 3.119 3.168 3.218 3.267 3.317 3.366 3.416 3.465 3.515 3.564 3.614 3.663 3.713 3.762 3.812 3.861 3.911 3.960 4.010 4.059 4.109 4.158 4.208 4.257 4.307 4.356 4.405 4.455
VOUT (T) 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 5.30 5.35 5.40 5.45 5.50 5.55 5.60 5.65 5.70 5.75 5.80 5.85 5.90 5.95 6.00 4.505 4.554 4.604 4.653 4.703 4.752 4.802 4.851 4.901 4.950 5.000 5.049 5.099 5.148 5.198 5.247 5.297 5.346 5.396 5.445 5.495 5.544 5.594 5.643 5.693 5.742 5.792 5.841 5.891 5.940
15/49
XC6204/XC6205 Series
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued) XC6205 series
SYMBOL
PARAMETER SETTING OUTPUT VOLTAGE (V)
E-0 OUTPUT VOLTAGE (V) VOUT MIN. MAX. 0.930 0.980 1.030 1.080 1.130 1.180 1.230 1.280 1.330 1.380 1.430 1.480 1.530 1.581 1.632 1.683 1.734 1.785
E-1 E-2 DROPOUT DROPOUT VOLTAGE1 (mV) VOLTAGE 2 (mV) IOUT=30mA IOUT=100mA Ta = 25 Vdif 1 TYP. 1050 1050 1000 1000 900 900 800 800 700 700 600 600 500 500 400 400 300 300 MAX. 1100 1100 1100 1100 1000 1000 900 900 800 800 700 700 600 600 500 500 400 400 TYP. 1150 1150 1050 1050 950 950 850 850 750 750 650 650 550 550 500 500 400 400 Vdif 2 MAX. 1200 1200 1200 1200 1100 1100 1000 1000 900 900 800 800 700 700 600 600 500 500
VOUT (T) 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75
0.870 0.920 0.970 1.020 1.070 1.120 1.170 1.220 1.270 1.320 1.370 1.420 1.470 1.519 1.568 1.617 1.666 1.715
Specification Chart by Series
SYMBOL PRODUCT SERIES XC6205A XC6205B XC6205C XC6205D S-1 S-2 SUPPLY CURRENT CE "H" CURRENT ( A) ( A) MAX. MIN. 52.0 42.0 52.0 42.0 115.0 95.0 115.0 95.0 18.0 0.1 0.1 0.1 S-3 CE "L" CURRENT ( A) -0.1 -0.1 -18.0 -0.1
Specification & Condition by Series
SYMBOL SPECIFIED OUTPUT VOLTAGE (V) 0.90 1.00 1.10 1.20 1.30 1.40 1.50 0.95 1.05 1.15 1.25 1.35 1.45 1.75 E-5 INPUT VOLTAGE (V) VIN 2.5 2.5 2.6 2.7 2.8 2.9 3.0 300 E-4 MAXIMUM OUTPUT CURRENT (mA) MIN. 260 260 270 290
* VOUT(T)=Specified output voltage
16/49
XC6204/XC6205
Series
TYPICAL APPLICATION CIRCUIT
OPERATIONAL EXPLANATION
Output voltage control with the XC6204/6205 series: The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal. < Low ESR Capacitors > With the XC6204/05 series, a stable output voltage is achievable even if used with a low ESR capacitor as a phase compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor with a capacitance value of at least 1 F. Also, please connect an input capacitor (CIN) of 0.1 F between the VIN pin and the VSS pin in order to ensure a stable power input.
Recommended output capacitor values VOUT 0.9V ~ 1.2V 1.25V ~ 1.75V CL 4.7 F 2.2 F
17/49
XC6204/XC6205 Series
OPERATIONAL EXPLANATION (Continued)
The XC6204/05 series includes a combination of a fixed current limiter circuit & a foldback circuit, which aid the operations of the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows. However, when the input/output voltage differential is quite small, this current will be about 200mA. The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6204/05 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin is selectable (please refer to the selection guide). Note that as the standard XC6204/05B type is ' High Active/No Pull Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the operational logic is fixed and the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry if a voltage between 0.25V and 1.5V is input. In order to stabilize the IC's operations, an input voltage of more than 2.0V is needed. Should the input voltage be less than 2.0V, the output voltage may not be regulated correctly. (Please refer to Input Voltage vs. Output Voltage characteristics below.) When VIN is less than 2.0V, the CE pin remains in stand-by mode. When VIN rises above 2.0V, the power supply will turn ON. The input power supply will begin to rise after a few hundred msec. (Please also refer to the transient response characteristics.) Input Voltage vs. Output Voltage
Enable Response Time
Turn-ON Response Time
18/49
XC6204/XC6205
Series
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
TEST CIRCUITS
Circuit 1
Circuit 2 1 : Supply
Circuit 3 1 : Supply
Circuit 4 1 : Supply
19/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS
XC6204 (1) Output Voltage vs. Output Current
20/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (1) Output Voltage vs. Output Current (Continued)
(2) Output Voltage vs. Input Voltage
21/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current
22/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (3) Dropout Voltage vs. Output Current (Continued)
* Since the operation of this IC is only guaranteed from VIN=2.0V and above, it is essential that when using with applications where VOUT=2.0V or less, the difference between VIN and VOUT be at least equal to 2V - VOUT(T).
(4) Supply Current vs. Input Voltage
23/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (5) Output Voltage vs. Ambient Temperature
(6) Supply Current vs. Ambient Temperature
24/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (6) Supply Current vs. Ambient Temperature (Continued)
(7) CE Pin Threshold Voltage vs. Ambient Temperature
(8) Input Transient Response
25/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (8) Input Transient Response (Continued)
26/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (8) Input Transient Response (Continued)
(9) Load Transient Response
27/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (9) Load Transient Response (Continued)
28/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (9) Load Transient Response (Continued)
29/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (9) Load Transient Response (Continued)
30/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (9) Load Transient Response (Continued)
(10) Turn-On Response Time
31/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (10) Turn-On Response Time
32/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (10) Turn-On Response Time (Continued)
(11) Enable Response Time (These characteristics will not be affected by the nature of the CE pin's logic)
33/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (11) Enable Response Time (Continued) (These characteristics will not be affected by the nature of the CE pin's logic)
34/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (11) Enable Response Time (Continued) (These characteristics will not be affected by the nature of the CE pin's logic)
(12) Ripple Rejection Rate
35/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6204 (Continued) (12) Ripple Rejection Rate (Continued)
(13) Output Noise Density
IOUT=10mA , CL=1.0 F (ceramic)
Output Noise Density: (
V/
Hz)
Ripple Frequency: f (kHz)
36/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6205 (1) Output Voltage vs. Output Current
(2) Output Voltage vs. Output Current (Current Limit)
37/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6205 (Continued) (3) Output Voltage vs. Input Voltage XC6205x092 XC6205x092
XC6205x152
XC6205x152
(4) Dropout Voltage VS. Output Current
XC6205x152
XC6205x152
38/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6205 (Continued) (5) Supply Current vs. Input Voltage
(6) Output Voltage vs. Ambient Temperature
39/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6205 (Continued) (7) Supply Current vs. Ambient Temperature XC6205x092 XC6205x152
(8) CE Pin Threshold Voltage vs. Ambient Temperature
XC6205xxx2
(9) Load Transient Response
40/49
XC6204/XC6205
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6205 (Continued) (9) Load Transient Response (Continued)
(10) Input Transient Response 1
(11) Input Transient Response 2
XC6205x092
XC6205x092
41/49
XC6204/XC6205 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6205 (Continued) (11) Input Transient Response 2 (Continued)
XC6205x152
XC6205x152
(12) Enable Response Time XC6205B092 XC6205x152
(13) Ripple Rejection Rate XC6205x092 XC6205x152
42/49
XC6204/XC6205
Series
PACKAGING INFORMATION
SOT-25
2.9+0.2 +0.1 5-0.4 -0.05
SOT-89-5
1.6 +0.2 -0.1 2.8+0.2
0~0.1 MIN 0.2 0.15 +0.1 -0.05
0.95
0.95
1.9+0.2
USP-6B
1.1+0.1 1.0~1.3
43/49
XC6204/XC6205 Series
PACKAGING INFORMATION (Continued)
USP-6B Recommended Pattern Layout USP-6B Recommended Metal Mask Design
44/49
XC6204/XC6205
Series
MARKING RULE
[XC6204]
SOT-25, SOT-89-5
SOT-25 (TOP VIEW)
SOT-89-5 (TOP VIEW)
Represents product series MARK 4 Represents type of regulator MARK PRODUCT SERIES OUTPUT VOLTAGE 100mV INCREMENTS OUTPUT VOLTAGE 50mV INCREMENTS VOLTAGE =0.1~3.0V VOLTAGE =3.1~6.0V VOLTAGE =0.15 3.05V VOLTAGE =3.15 6.05V V X Y Z A B C D E F H K L M N P XC6204Axxxxx XC6204Bxxxxx XC6204Cxxxxx XC6204Dxxxxx PRODUCT SERIES XC6204xxxxxx
Represents output voltage
MARK 0 1 2 3 4 5 6 7 8 9 A B C D E OUTPUT VOLTAGE (V) 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 3.15 3.25 3.35 3.45 3.55 3.65 3.75 3.85 3.95 4.05 4.15 4.25 4.35 4.45 4.55 MARK F H K L M N P R S T U V X Y Z 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 OUTPUT VOLTAGE (V) 4.6 4.7 4.8 4.9 5.0 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 5.9 6.0 1.65 1.75 1.85 1.95 2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 4.65 4.75 4.85 4.95 5.05 5.15 5.25 5.35 5.45 5.55 5.65 5.75 5.85 5.95 6.05
Represents production lot number 0 9, A to Z repeated. (G, I, J, O, Q, W excepted)
45/49
XC6204/XC6205 Series
MARKING RULE (Continued)
[XC6204]
USP-6B
1 2 3
USP-6B (TOP VIEW)
6 5 4
Represents product series MARK 0 4 PRODUCT SERIES XC6204xxxxDx
Represents type of regulator MARK A B C D TYPE CE pin, High Active, Pull-Down Resistor Built-In CE pin, High Active, No Pull-Down Resistor Built-In CE pin, High Active, Pull-Up Resistor Built-In CE pin, Low Active, No Pull-Up Resistor Built-In PRODUCT SERIES XC6204AxxxDx XC6204BxxxDx XC6204CxxxDx XC6204DxxxDx
Represents integer of the output voltage MARK 3 5 VOLTAGE V 3.X 5.X PRODUCT SERIES XC6204x3xxDx XC6204x5xxDx
Represents decimal number of output voltage MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) X.0 X.1 X.2 X.3 X.4 X.5 X.6 X.7 X.8 X.9 PRODUCT SERIES XC6204xx0xDx XC6204xx1xDx XC6204xx2xDx XC6204xx3xDx XC6204xx4xDx XC6204xx5xDx XC6204xx6xDx XC6204xx7xDx XC6204xx8xDx XC6204xx9xDx MARK A B C D E F H K L M VOLTAGE (V) X.05 X.15 X.25 X.35 X.45 X.55 X.65 X.75 X.85 X.95 PRODUCT SERIES XC6204xx0ADx XC6204xx1ADx XC6204xx2ADx XC6204xx3ADx XC6204xx4ADx XC6204xx5ADx XC6204xx6ADx XC6204xx7ADx XC6204xx8ADx XC6204xx9ADx
Represents production lot number 0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted) Note: No character inversion used.
46/49
XC6204/XC6205
Series
MARKING RULE (Continued)
[XC6205]
SOT-25, SOT-89-5
SOT-25 (TOP VIEW)
SOT-89-5 (TOP VIEW)
Represents product series MARK 5 PRODUCT SERIES XC6205xxxxxx
Represents type of regulator MARK OUTPUT VOLTAGE OUTPUT VOLTAGE 100mV INCREMENTS 50mV INCREMENTS V X Y Z Represents output voltage MARK 8 9 A B C OUTPUT VOLTAGE (V) 0.9 1.0 1.1 1.2 1.3 0.95 1.05 1.15 1.25 1.35 MARK D E F H OUTPUT VOLTAGE (V) 1.4 1.5 1.6 1.7 1.45 1.55 1.65 1.75 E F H K PRODUCT SERIES XC6205Axxxxx XC6205Bxxxxx XC6205Cxxxxx XC6205Dxxxxx
Represents production lot number 0 to 9, A to Z, reversed character of 0 to 9 and A to Z repeated. (G, I, J, O, Q, W excepted)
47/49
XC6204/XC6205 Series
MARKING RULE(Continued)
[XC6205]
USP-6B
1 2 3
USP-6B (TOP VIEW)
6 5 4
Represents product series MARK 0 5 PRODUCT SERIES XC6205xxxxDx
Represents type of voltage regulator MARK A B C D CE pin: CE pin: CE pin: CE pin: TYPE High Active with Pull-Down Resistor Built-In High Active with No Pull-Down Resistor Built-In Low Active with Pull-Up Resistor Built-In Low Active with No Pull-Up Resistor Built-In PRODUCT SERIES XC6205AxxxDx XC6205BxxxDx XC6205CxxxDx XC6205DxxxDx
Represents integer of output voltage MARK 3 5 VOLTAGE (V) 3.X 5.X PRODUCT SERIES XC6205x3xxDx XC6205x5xxDx
Represents decimal point of output voltage MARK 0 1 2 3 4 5 6 7 8 9 OUTPUT VOLTAGE (V) X.0 X.1 X.2 X.3 X.4 X.5 X.6 X.7 X.8 X.9 XC6205xx0xDx XC6205xx1xDx XC6205xx2xDx XC6205xx3xDx XC6205xx4xDx XC6205xx5xDx XC6205xx6xDx XC6205xx7xDx XC6205xx8xDx XC6205xx8xDx MARK A B C D E F H K L M OUTPUT VOLTAGE (V) X.05 X.15 X.25 X.35 X.45 X.55 X.65 X.75 X.85 X.95 XC6205xx0ADx XC6205xx1ADx XC6205xx2ADx XC6205xx3ADx XC6205xx4ADx XC6205xx5ADx XC6205xx6ADx XC6205xx7ADx XC6205xx8ADx XC6205xx9ADx
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted) *No character inversion used.
48/49
XC6204/XC6205
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this datasheet is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. The products in this datasheet are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this datasheet within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this datasheet may be copied or reproduced without the prior permission of TOREX SEMICONDUCTOR LTD.
49/49


▲Up To Search▲   

 
Price & Availability of XC6205F312DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X